technical data sheet technical data sheet 1 3.5mm male to 3.5mm female test cable 36 inch length using vna cable coax, rohs confguration connector 1 3.5mm male connector 1 specifcation mil-std-348 connector 2 3.5mm female connector 2 specifcation mil-std-348 cable type vna cable electrical specifcations frequency range, ghz dc to 26.5 impedance, ohms 50 maximum vswr 1.29:1 velocity of propagation, % 77 rf shielding, db 100 dielectric withstanding voltage (ac), vrms 1,000 typical performance by frequency frequency 1 frequency, mhz 1000 vswr 1.07:1 return loss, db 30 insertion loss 0.08 db/ft [ 0.26 db/m ] frequency 2 frequency, ghz 10 vswr 1.12:1 return loss, db 25 insertion loss 0.28 db/ft [ 0.92 db/m ] power handling, watts 286 frequency 3 frequency, ghz 18 vswr 1.22:1 return loss, db 20 insertion loss 0.39 db/ft [ 1.28 db/m ] frequency 4 frequency, ghz 26.5 vswr 1.29:1 return loss, db 18 insertion loss 0.49 db/ft [ 1.61 db/m ] click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: 3.5mm male to 3.5mm female test cable 36 inch length using vna cable coax, rohs PE317-36 PE317-36 rev PE317-36 3.5mm male to 3.5mm female test cable 36 inch length using vna cable coax, rohs
technical data sheet technical data sheet 2 mechanical specifcations cable assembly cable type vna cable temperature temperature operating range, deg c -55 to +165 size length, in [mm] 36 [914.4] diameter, in [mm] 0.47 [1 1.94] . cable center conductor type solid cable inner conductor copper , silver no of shields 2 dielectric type ptfe jacket material fep connector 1 type 3.5mm male confguration straight inner conductor material and plating gold coupling nut material and plating passivated stainless steel hex size, in. 5/16 torque, in-lbs [nm] 8 [0.9] body material and plating passivated stainless steel dielectric type ppo connector 2 type 3.5mm female confguration straight inner conductor material and plating gold body material and plating passivated stainless steel dielectric type ppo compliance certifcations (visit www.pasternack.com for current document) rohs compliant y es PE317-36 rev PE317-36 click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: 3.5mm male to 3.5mm female test cable 36 inch length using vna cable coax, rohs PE317-36 3.5mm male to 3.5mm female test cable 36 inch length using vna cable coax, rohs
technical data sheet technical data sheet 3 plotted and other data notes: v alues at 25 c, sea level 3.5mm male to 3.5mm female test cable 36 inch length using vna cable coax, rohs from pasternack enterprises has same day shipment for domestic and international orders. our rf , microwave and fber optic products maintain a 99% availability and are part of the broadest selection in the industry . click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: 3.5mm male to 3.5mm female test cable 36 inch length using vna cable coax, rohs PE317-36 url: http://www.pasternack.com/3.5mm-male-3.5mm-female-vna-cable-cable-assembly-PE317-36-p.aspx PE317-36 rev PE317-36 3.5mm male to 3.5mm female test cable 36 inch length using vna cable coax, rohs
4 ? 2013 pasternack enterprises all rights reserved PE317-36 rev dwg title pe317 notes: 1. unless otherwise specified all dimensions are nominal. 2. all specifications are subject to change without notice at any time. 3. dimensions are in inches [mm]. 4. length tolerance is 1.5% or 3/8", whichever is greater. custom length -xx 60" -60 48" -48 36" -36 24" -24 12'' -12 pe3 00 - 99999 < blank > = standard pe3000lf-100 pe3000-100 pe3000lf-100cm pe3000-100cm length in inches part number configuration how to order length zzz yy xx uu - cm = centimeters < blank > = inches examples part # ext. -25cm -50cm -75cm -100cm -125cm 25cm 50cm 75cm 100cm 125cm -xxcm custom length length in centimeters part # ext. note: lf applies only to rf cables fscm no. 53919 cad file 012111-b scale n/a size a 2233 lf = rohs compliant 3.5mm male 3.5mm female 3.5mm male to 3.5mm female test cable 36 inch length using vna cable coax, rohs PE317-36 cad drawing
|